PART |
Description |
Maker |
H11C4 H11C1300 H11C1300W H11C13S H11C13SD H11C1S H |
PHOTO SCR OPTOCOUPLERS 6-Pin DIP Photo SCR Output Optocoupler 1 CHANNEL SCR OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor Corporation
|
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
MXP1017 MSC1329 |
Photoconductive Detectors Photo SCR From old datasheet system
|
MICROSEMI[Microsemi Corporation]
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
HCPL0600 HCPL0601 HCPL0611 HCPL0637 HCPL0638 HCPL0 |
The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
|
Fairchild Semiconductor
|
HCPL-1931-B600 HCPL-1930 HCPL-1930-100 HCPL-1930-2 |
2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps Hermetically Sealed. Dual Channel Line Receiver Optocouplers 密封。双通道线路接收器光电耦合 Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver 双通道线接收双通道线接收双通道线路接收 HCPL-1930 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-1931 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-193K · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KXA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201XA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers
|
Agilent(Hewlett-Packard... AGILENT TECHNOLOGIES INC Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MCR101G-X-XX-T92-K MCR101G-X-XX-T92-B MCR101-6-B-T |
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
IRKHF200-02GPS20 IRKHF200-04CPS20 IRKHF200-02CPS20 |
314 A, 200 V, SCR 314 A, 400 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 282.6 A, 1200 V, SCR 282.6 A, 200 V, SCR 282.6 A, 600 V, SCR 282.6 A, 1000 V, SCR
|
Cooper Bussmann, Inc.
|
CS218I-30PBLEADFREE CS218I-30BLEADFREE CS218I-30DL |
30 A, 1200 V, SCR, TO-218 30 A, 200 V, SCR, TO-218 30 A, 400 V, SCR, TO-218 30 A, 600 V, SCR, TO-218 30 A, 1000 V, SCR, TO-218 35 A, 1200 V, SCR, TO-218 35 A, 1200 V, SCR, TO-48
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|